PART |
Description |
Maker |
KA5M0380RYDTU KA5M0365RTU KA5L0365RYDTU KA5L0365RN |
Microprocessor Development Tool; Interface Type:Serial; Kit Contents:Development Board with MC68HC908GP32 CPU, MON08 Debug Port, 32K Flash, 512 Bytes RAM ; For Use With:MC68HC908GP32; Memory Organization - Flash:32 KB Fairchild Power Switch(FPS) 12 A SWITCHING REGULATOR, 67 kHz SWITCHING FREQ-MAX, PSFM4 Fairchild Power Switch(FPS) 12 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PZFM4 Fairchild Power Switch(FPS) 3 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PDIP8 Fairchild Power Switch(FPS) 12 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PSFM4 Fairchild Power Switch(FPS) 飞兆半导体功率开关(FPS
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
BD9130NV BD9130NV09 BD9130NV-E2 |
2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, DSO8 5 X 6 MM, 1.27 MMPITCH, LEAD FREE, SON-8 Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
LM2575TV-005 LM2575D2T-ADJR4 |
Isolated Flyback Switching Regulator with 9V Output 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5
|
ON Semiconductor
|
KA5M0165 KA5L0165R KA5L0165RN KA5L0165RTU KA5L0165 |
Fairchild Power Switch(FPS) 1A/650V 50KHz Power Switch 1A/650V 70KHz Power Switch 1A/650V 100KHz Power Switch IC,SMPS CONTROLLER,CURRENT-MODE,BIPOLAR/MOS,DIP,8PIN,PLASTIC Fairchild Power Switch(FPS) 4 A SWITCHING REGULATOR, 67 kHz SWITCHING FREQ-MAX, PDIP8 Fairchild Power Switch(FPS) 4 A SWITCHING REGULATOR, PSFM4
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MP161AGS-5 |
Power Solution with Ultra Low Standby Power, Integrates Switching Regulator, Linear Regulator and Relay Driver
|
Monolithic Power System...
|
FS6S1265RB FS6S FS6S0965RT FS6S1265RE-YDTU FS6S126 |
Fairchild Power Switch(FPS) 48 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PZFM5 48 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PSFM5
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
LTC4267IGN-1 LTC4267IGN-1-PBF LTC4267IGN-1-TR LTC4 |
1 A SWITCHING CONTROLLER, 240 kHz SWITCHING FREQ-MAX, PDSO16 Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
|
LINEAR TECHNOLOGY CORP
|
BD9738KN |
SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PQCC48 7-Channel Switching Regulator Controller for Digital Camera
|
ROHM[Rohm]
|
LT1424CN8-9PBF LT1424-9-15 |
Isolated Flyback Switching Regulator with 9V Output 1.9 A SWITCHING REGULATOR, 320 kHz SWITCHING FREQ-MAX, PDIP8
|
Linear Technology, Corp.
|
MC33362DWG MC33362DWR2 MC33362DWR2G MC3336206 MC33 |
High Voltage Switching Regulator 2 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDSO13
|
ONSEMI[ON Semiconductor]
|
MM3010 MM3005C MM3005 MM3006 MM3009 MM3008 MM3005A |
0.3 A SWITCHING REGULATOR, 57.5 kHz SWITCHING FREQ-MAX, PDSO5 CMOS Switching Regulator (PWM controlled)
|
MITSUMI ELECTRIC CO LTD MITSUMI[Mitsumi Electronics, Corp.]
|